PART |
Description |
Maker |
9890 9882 9885 |
3M Thermally Conductive Adhesive Transfer Tapes
|
3M Electronics
|
8940 8943 |
3M Thermally Conductive Adhesive Tape 8940 / 8943
|
3M Electronics
|
ATM-0007 ATM-0018 ATM-0020 ATM-0031 ATM-0052 ATM-0 |
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
|
List of Unclassifed Manufacturers ETC
|
REC110L3F103W REC110L3E103W REC110L3D103W REC110L3 |
Precision Linear Transducers, Conductive Plastic, Compact, Robust, Large Measurement Range, High Accuracy, Long Life, Essentially Infinite Resolution, Easy Mounting Precision Linear Transducers Conductive Plastic (REC) Precision Linear Transducers/ Conductive Plastic (REC) Precision Linear Transducers, Conductive Plastic (REC) 精密线性传感器,导电塑料(承包 CRIMP TOOL; RoHS Compliant: NA 精密线性传感器,导电塑料(承包
|
VISAY[Vishay Siliconix] Vishay Intertechnology, Inc. Analog Devices, Inc.
|
AM29BL802C_03 AM29BL802C AM29BL802CB80DGE1 AM29BL8 |
Am29BL802C (Known Good Die Supplement) 8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
|
Advanced Micro Devices SPANSION[SPANSION]
|
TT690MOV |
High Energy Thermally Protected TTxxxMOV High Energy Thermally Protected TTxxxMOV VOLTAGE-150 to 690 Volts AC Integrated Transient Surge Protector
|
MDE Semiconductor, Inc.
|
ADP3330ARTZ-2.5-R7 ADP3330ARTZ-3.6-R7 ADP3330ARTZ- |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 3.6 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 ROHS COMPLIANT, ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN 2.75 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN 2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO6 ULTRA SMALL, THERMALLY ENHANCED, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
P271 P270-SP31R50K P270-SP31R500K P270-SP32R500K P |
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 200000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 500000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 20000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 50000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 10000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 100000 ohm
|
BI Technologies Corporation BI Technologies, Corp.
|
PTFA180701E PTFA180701EV4R0 PTFA180701EF PTFA18070 |
Thermally-Enhanced High Power RF LDMOS FETs
|
Infineon Technologies A...
|
121-007-28E 121-007-28H 121-007-28N 121-007-28V 12 |
72 Annular Convoluted Tubing Thermally Stabilized Kynar
|
Glenair, Inc.
|
PTFA142401EL |
Thermally-Enhanced High Power RF LDMOS FET
|
Infineon Technologies
|
|